Part Number Hot Search : 
2SK192 910511 ACT8310 L6205D KL07ES SL1505 LM324A HV9112X
Product Description
Full Text Search
 

To Download APTM100UM60FAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100UM60FAG
Single Switch MOSFET Power Module
SK S D
VDSS = 1000V RDSon = 60m typ @ Tj = 25C ID = 129A @ Tc = 25C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Power MOS 7(R) FREDFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Fast intrinsic reverse diode - Avalanche energy rated - Very rugged * Kelvin source for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration * AlN substrate for improved thermal performance Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Low profile * RoHS Compliant
G
DK
DK
S
D
SK G
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-6
APTM100UM60FAG Rev 2
July, 2006
Tc = 25C
Max ratings 1000 129 97 516 30 70 2272 25 50 3000
Unit V A V m W A
APTM100UM60FAG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Test Conditions Min Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current
VGS = 0V,VDS = 1000V VGS = 0V,VDS = 800V T j = 25C T j = 125C
Typ
VGS = 10V, ID = 64.5A VGS = VDS, ID = 15mA VGS = 30 V, VDS = 0V
60 3
Max 600 3 70 5 500
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 129A Inductive switching @ 125C VGS = 15V VBus = 670V ID = 129A R G =0.8 Inductive switching @ 25C VGS = 15V, VBus = 670V ID = 129A, R G = 0.8 Inductive switching @ 125C VGS = 15V, VBus = 670V ID = 129A, R G = 0.8
Min
Typ 31.1 5.28 0.96 1116 144 732 18 12 155 40 5.4 3.7 8.5 4.7
Max
Unit nF
nC
ns
mJ
mJ
Source - Drain diode ratings and characteristics
Symbol IS VSD dv/dt trr Qrr Characteristic Continuous Source current (Body diode) Diode Forward Voltage Peak Diode Recovery Reverse Recovery Time Reverse Recovery Charge
Test Conditions
Min
Typ
Tc = 25C Tc = 80C VGS = 0V, IS = - 129A IS = - 129A VR = 670V diS/dt = 600A/s Tj = 25C Tj = 125C Tj = 25C Tj = 125C 21.6 58.3
Max 129 97 1.3 18 320 650
Unit A V V/ns ns C
July, 2006 2-6 APTM100UM60FAG Rev 2
dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 129A di/dt 700A/s VR VDSS Tj 150C
www.microsemi.com
APTM100UM60FAG
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3 2
Typ
Max 0.055 150 125 100 5 3.5 280
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTM100UM60FAG Rev 2
July, 2006
APTM100UM60FAG
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.06 Thermal Impedance (C/W) 0.05 0.04 0.03 0.02 0.01 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse
0 0.00001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 360
V GS=15, 10&8V
Transfert Characteristics 480 420 ID, Drain Current (A) 360 300 240 180 120 60 0 30 0 1 2 3 4 5
T J=25C T J=125C
VDS > I D(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
I D, Drain Current (A)
300 240 180 120 60 0 0 5 10 15 20
7V
6.5V 6V
5.5V 5V
T J=-55C
25
6
7
8
9
VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS =10V @ 64.5A
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 140 120 100 80 60 40 20 0 25 50 75 100 125 150
July, 2006 4-6 APTM100UM60FAG Rev 2
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0 50
VGS =10V V GS=20V
100 150 200 250 300 350 ID, Drain Current (A)
TC, Case Temperature (C)
www.microsemi.com
APTM100UM60FAG
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000
Ciss
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=64.5A
1000
100s limited by R DSon
100
1ms
10
Single pulse TJ=150C TC=25C
10ms
1 1 10 100 1000 VDS , Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage 14 12 10 8 6 4 2 0 0 250 500 750 1000 1250 1500 Gate Charge (nC)
July, 2006
C, Capacitance (pF)
ID=129A TJ=25C
V DS =500V
VDS=200V
10000
Coss
V DS=800V
1000
Crss
100 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
www.microsemi.com
5-6
APTM100UM60FAG Rev 2
APTM100UM60FAG
Delay Times vs Current 200 td(on) and td(off) (ns) 160 120 80 40 0 40 80 120 160 200 240 I D, Drain Current (A) Switching Energy vs Current
V DS=670V RG =0.8 T J=125C L=100H
Rise and Fall times vs Current 80 t d(off)
V DS =670V RG =0.8 T J=125C L=100H
tf
60
tr and tf (ns)
40 tr 20
t d(on)
0 40 80 120 160 200 I D, Drain Current (A) 240
Switching Energy vs Gate Resistance 20
V DS=670V ID=129A T J=125C L=100H
15
Switching Energy (mJ) Switching Energy (mJ)
12.5 10 7.5 5 2.5 0
VDS=670V RG=0.8 TJ=125C L=100H
E on
Eoff
16 12 8 4 0
Eoff
Eon
Eoff
40
80
120
160
200
240
0
1
2
3
4
5
6
I D, Drain Current (A) Operating Frequency vs Drain Current
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage
200
IDR, Reverse Drain Current (A)
250
1000
Frequency (kHz)
150 100 50 0 10 30
VDS=670V D=50% RG=0.8 T J=125C T C=75C
ZCS ZVS
100
T J=150C
10
TJ=25C
Hard switching
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VSD, Source to Drain Voltage (V)
July, 2006
50 70 90 110 ID, Drain Current (A)
130
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6
APTM100UM60FAG Rev 2


▲Up To Search▲   

 
Price & Availability of APTM100UM60FAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X